PART |
Description |
Maker |
SON N989-01-10K-FA N989-01-10K-FB N989-01-10K-FF N |
TaNFilm? Flat Precision Resistor Array
|
Welwyn Components Limited
|
DBP-M954-01-1002-B DBP-M954-01-1002-C DBP-M998-01- |
TaNFilm Precision Molded DIP Resistor Network
|
IRC - a TT electronics Company. IRC - a TT electronics ...
|
567UVG010MFBJ 187UVG016MFBJ |
High temperature ?Very Low ESR ?High ripple current ?stable with temperature ?High frequency
|
Illinois Capacitor, Inc...
|
A3187ELT A3187EUA A3187LLT A3187LT UGN3175SUA A318 |
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应锁存器的高温作业 SENSOR IC 5CH 5V 5MA SGL 28-SSOP Hall-Effect Latch For High-Temperature Operation(工作于高温的霍尔效应锁存 Hall-effect latche for high-temperature operation
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
157AVG063MGBJ 397AVG035MGBJ 126AVG160MGBJ 337AVG01 |
Small Size - High Temperature ?Low ESR ?High Ripple Current ?Stable with Temperature ?High Frequency
|
Illinois Capacitor, Inc...
|
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
NV2RZDC12V0.64 NV2RZDC12V0.93 NV2R NV2RSDC12V0.93 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc.
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
T1010H-6G T1010H-6G-TR T1010H-6T T1010H-6T-TR T101 |
High-temperature 10A sensitive gate Triacs High temperature 10 A sensitive TRIACs 600 V, 10 A, TRIAC, TO-220AB
|
ST Microelectronics STMicroelectronics
|
T502B106K016AG6110 |
Tantalum, MnO2 Tantalum, High Temperature, T502, 10 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, High Temperature, 230C, N/A, 2.8 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
MIC502105 MIC5021YM MIC5021YN |
Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-DIP; Mounting Type:Through Hole BUF OR INV BASED MOSFET DRIVER, PDIP8 Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-SOIC; Mounting Type:Surface Mount RoHS Compliant: Yes BUF OR INV BASED MOSFET DRIVER, PDSO8 High-Speed High-Side MOSFET Driver
|
Micrel Semiconductor, Inc.
|
CXOMHT |
High Temperature/High Stability/Fast Start-up/High Shock
|
STATEK CORPORATION
|